Part Number Hot Search : 
CDRH4 A5800855 SZ5234B 2DPSP P1052 MJE13005 3SBBC HBC546
Product Description
Full Text Search
 

To Download AS1200-M3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  3-12 f low c ontrol e quipment s peed c ontrollers flow control equipment for further technical details on this product request catalogue reference e201-g s uper c ompact b ody p orted m etal i nline /e lbow t ypes as1000-m3 AS1200-M3 as1400-m3 super-compact size and light weight proportional speed control: to 20 , /min(anr) three types available: in-line type (as1000) direct connection elbow type (as1200) direct connection flat elbow type (as1400) s ymbols proof pressure 1.05mpa{10.7kgf/cm 2 } max operating pressure 0.7mpa{7.1kgf/cm 2 } min operating pressure 0.1mpa{1kgf/cm 2 } ambient and fluid temperature 5~60c number of needle rotations 10 turns t echnical s pecifications model port size free flow controlled flow applicable weight air flow effective orifice cylinder (g) ( , /min) (anr) (mm 2 ) bore size (mm) (g) in-line type as1000-m3 m3 20 0.3 ?2.5, ?4, ?6 4.7 elbow type AS1200-M3 m3 20 0.3 ?2.5, ?4, ?6 3 flat elbow type as1400-m3 m3 20 0.3 ?2.5, ?4, ?6 6 h ow t o o rder as1 00 m3 0 in-line type 2 direct connection elbow direction 4 direct connection flat elbow type t ype m3 m3x0.5 p ort s ize d imensions i n - line type as1000-m3 d imensions e lbow t ype AS1200-M3 d imensions f lat e lbow t ype as1400-m3
3-13 f low c ontrol e quipment s peed c ontrollers flow contr ol equipment see inside front cover for details of your local sales office v for further technical details on this product request catalogue reference e201-g s peed c ontrollers with l ow s peed a pplica tion s eries as12/13 1fm r esin b ody with o ne t ouch f ittings s eries as12/22 0m m et al b ody p or ted suitable for low speed applications; 10-50mm/sec accurate contr ol of low speed cylinders with ef fective orifice for contr ol flow at 1/10 of standar d types possible to operate cylinders at low speed for working str okes and high speed for r etur n str okes easy contr ol with 10 tur ns (20 tur ns for m5 type) of needle r otation pr oof pr essur e 1.5mpa {15.3kgf/cm2} max operating pr essur e 1mpa {10.2kgf/cm 2 } min operating pr essur e 0.1mpa {1kgf/cm 2 } ambient and fluid temperatur e 0~60 c number of needle r otations 10 tur ns (20 tur ns - 1 (note) ) applicable t ube material note 2 nylon, soft nylon, polyur ethane option note 3 w ith sealant std t echnical s pecifica tions w ith one touch fitting elbow type as12*1fm as22*1fm-01 as22*1fm-02 universal type as13*1fm as23*1fm-01 as23*1fm-02 por t size m5x0.8 r(pt)1/8 r(pt)1/4 applicable cylinder bor e (mm) 6, 10, 16, 20 20, 25, 32 20, 25, 32, 40 applicable t ube od (mm) ?3.2, ?4, ?6 ?3.2, ?4 ?6, ?8 ?4 ?6 ?8, ?10 contr ol flow rate , /min (anr) 8 22 55 n , /min ef fective orifice mm 2 0.13 0.35 0.85 fr ee flow rate , /min (anr) 100 180 230 260 390 460 n , /min ef fective orifice mm 2 15 2.7 3.5 4 6 7 at 0.5mpa (5.1kgf/cm2), temperatur e C 20 c note 1: for as12*1fm type and as13*1fmtype note 2: be car eful of maximum operating pr essur e when soft nylon or polyur ethane tubes ar e used. note 3: not available for m5 models pr oof pr essur e 1.5mpa {15.3kgf/cm2} max operating pr essur e 1mpa {10.2kgf/cm 2 } min operating pr essur e 0.1mpa {1kgf/cm 2 } ambient and fluid temperatur e 5~60 t echnical s pecifica tions m et al b ody p or ted model as12*0m-m5 as22*0m-01 as22*0m-02 por t size (cylinder side) m5x0.8 r(pt)1/8 r(pt)1/4 (t ube side) rc(pt)1/8 rc(pt)1/4 applicable cylinder t ube id(mm) 6, 10, 15, 20, 25 20, 25, 32, 40 20, 25, 32, 40 number of needle r otations 20 tur ns 10 tur ns option C w ith sealant (std) w eigt (g) 11.5 36 74 contr ol flow rate , /min (anr) 8 22 55 n , /min ef fective orifice mm 2 0.13 0.35 0.85 fr ee flow rate , /min (anr) 105 280 420 n , /min ef fective orifice mm 2 1.6 4.3 6.5 at 0.5mpa (5.1kgf/cm2), temperatur e C 20 c note 4: dif fer ence of appearance between meter -out models and meter -in models meter -out C with an electr oless nickel plated lock nut the handle and lock nut of meter -in type ar e black zinc chr omated note 5: all brass par ts ar e electr oless nickel plated. h ow t o o r d e r w ith one touch fitting as 1f m 1 m5 2 1/8, 1/4 b ody s ize 2 elbow 3 universal t ype 0 meter out 1 meter in c ontrol m ethod w ith o ne t ouch f itting f or l ow s peed m5 m5x0.8 01 r(pt)1/8 02 (r(pt)1/4 p or t s ize 04 ?4 06 ?6 08 ?8 10 ?10 a pplicable t ube od nil none s w ith sealant (std) o ption h ow t o o r d e r m et al b ody p or ted as 0 m 1 m5 2 1/8, 1/4 b ody s ize 2 dir ect connection t ype t ype 0 meter out 1 meter in c ontrol m ethod f or l ow s peed cylinder side t ube side applicable fitting m5 .................. m5x0.8 .............. as12*0m-m5 01 ........ r(pt)1/8 ...... rc(pt)1/8 ..... as22*0m-01 02 ........ (r(pt)1/4 ...... rc(pt)1/4 ..... as22*0m-02 p or t s ize nil none s w ith sealant (std) o ption d imensions s ee s t andard m odels + series as12/13 1fm as22/23 1fm series as12/22 0m resin body with one touch fittings metal body por ted


▲Up To Search▲   

 
Price & Availability of AS1200-M3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X